PART |
Description |
Maker |
EM78P451SP EM78P451SAQ EM78P451SWM |
8-Bit Microcontroller with OTP ROM Quad, Serial, 8-Bit DACs with Rail-to-Rail Outputs
|
ELAN Microelctronics Corp .
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
MAX533 MAX533ACEE MAX533ACPE MAX533AEEE MAX533AEPE |
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC2654BCGN-H16PBF LTC2654BCGN-L16PBF LTC2654BCUF- |
Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
AD5316 |
+2.5V to +5.5V, 600uA, Quad Rail-to-Rail, Voltage Output 8/10/12-Bit DACs
|
Analog Devices
|
LTC1458ISW LTC1458IG LTC1458LCG LTC1458LCSW LTC145 |
Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-Rail Micropower DACs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C QUAD, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO28 Quad 12-Bit Rail-to-RailvMicropower DACs
|
Linear Technology, Corp.
|
LTC2604IGNTR LTC2604IGN-1 |
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD, SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1454L LTC1454 LTC1454CS LTC1454IS LTC1454LCS 14 |
Dual 12-Bit Rail-to-Rail Micropower DACs DUAL, SERIAL INPUT LOADING, 14 us SETTLING TIME, 12-BIT DAC, PDSO16 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 20-LCCC -55 to 125 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
KBPC106 KBPC104 KBPC102 BR310 KBPC108 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Quad Rail-To-Rail uPower Operational Amplifier 14-SOIC
|
DC Components Co., Ltd. http://
|
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|